|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
sy89200u ultra - precision 1:8 lvds fanout buffer w ith three 1/2/4 clock divider output banks precision edge is a registered trademark of micrel, inc micrel inc. ? 2180 fortune drive ? san jose, ca 95131 ? usa ? tel +1 ( 408 ) 944 - 0800 ? fax + 1 (408) 474 - 1000 ? http://www.micrel.c om august 2007 m9999 - 082407-e hbwhelp@micrel.com or (408) 955 - 1690 general description the sy89200u is a 2.5v precision, high - speed, integrated clock divider and lvds fanout buffer capable of handling clocks up to 1.5ghz. optimized for communications applications, the three independently controlled output banks are phas e matched and can be configured for pass through (1), 2 or 4 divider ratios. the differential input includes micrel?s unique, 3 - pin input termination architecture that allows the user to interface to any differential signal path. the low - skew, low - jitte r outputs are lvds - compatible with extremely fast rise/fall times guaranteed to be less than 150ps. the en (enable) input guarantees that the 1, 2 and 4 outputs will start from the same state without any runt pulse after an asynchronous master rest (mr) is asserted. this is accomplished by enabling the outputs after a four - clock delay to allow the counters to synchronize. the sy89200u is part of micrel?s precision edge ? product family. datasheets and support documentation can be found on micrel?s web si te at: www.micrel.com . functional block diagram precision edge ? features ? three low - skew lvds output banks with programmable 1, 2 a nd 4 divider options ? three independently programmable output banks ? guaranteed ac performance over temperature and voltage: ? accepts a clock frequency up to 1.5ghz ? <900ps in - to - out propagation delay ? <150ps rise/fall time ? <50ps bank - to - bank phase off set ? ultra - low jitter design: ? <1ps rms random jitter ? <10ps pp total jitter (clock) ? patent - pending input termination and vt pin accepts dc- and ac - coupled inputs (cml, pecl, lvds) ? lvds - compatible outputs ? cmos/ttl - compatible output enable (en) and divider select control ? 2.5v 5% power supply ? ? 40c to +85c temperature range ? available in 32 - pin (5mm x 5mm) qfn package applications ? all sonet/sd applications ? all fibre channel applications ? all gigabit ethernet applications
micrel, inc. sy89200u august 2007 2 m9999 - 082407-e hbwhelp@micrel.com or (408) 955 - 1690 ordering information (1) part num ber package type temperature range package marking lead finish sy89200umi qfn -32 industrial sy89200u sn -pb sy89200umitr (2) qfn -32 industrial sy89200u sn -pb sy89200umg qfn -32 industrial sy89200u with pb - free bar - line indicator pb - free nipdau sy89200umgt r (2) qfn -32 industrial sy89200u with pb - free bar - line indicator pb - free nipdau note: 1. contact factory for die availability. dice are guaranteed at ta = 25c, dc electricals only. 2. tape and reel. pin configuration 32- pin qfn micrel, inc. sy89200u august 2007 3 m9999 - 082407-e hbwhelp@micrel.com or (408) 955 - 1690 pin description pin numbe r pin name pin function 3, 6 in, /in differential input: this input pair is the differential signal input to the device. this input accepts ac - or dc - coupled signals as small as 100mv. the input pair internally terminates to a vt pin through 50 ?. note th at these inputs will default to an indeterminate state if left open. please refer to the ?input interface applications? section for more details. 2 7 8 divsel1 divsel2 divsel3 single - ended inputs: these ttl/cmos inputs select the device ratio for each of the three banks of outputs. note that each of these inputs is internally connected to a 25k ? pull - up resistor and will default to logic high state if left open. the input - switching threshold is v cc /2. 4 vt input termination center - tap: each side of the differential input pair terminates to the vt pin. the vt pin provides a center - tap to a termination network for maximum interface flexibility. see ?input interface applications? section for more details. 5 vref -ac reference voltage: this output biases to v cc - 1.2v. it is used for ac - coupling inputs in and /in. for ac - coupled applications, connect vref - ac directly to the vt pin. bypass with 0.01f low esr capacitor to v cc . maximum sink/source capability is 0.5ma. 9 en single - ended input: this ttl/cmos inp ut disable and enable the q0 ? q7 outputs. this input is internally connected to a 25k ? pull - up resistor and will default to logic high state if left open. the input - switching threshold is v cc /2. for the input enable and disable functional description, ref er to figures 2a through 2c. 30, 29, 28, 27, 26, 25, 24, 23 q0, /q0, /q1, /q1, q2, /q2 q3, /q3 bank 1 lvds differential output pairs controlled by divsel1: low q0 ? q3 = 1 high, q0 ? q3 = 2. unused output pairs should be terminated with 100 ? across the differential pair. 16, 15, 14, 13, 12, 11 q4, /q4, q5, /q5, q6, /q6 bank 2 lvds differential output pairs controlled by divsel2: low q4 ? q6 = 2 high, q4 ? q6 = 2. unused output pairs should be terminated with 100 ? across the differential pair. 18, 17 q7, /q7 bank 3 lvds differential output pairs controlled by divsel3: low q7 = 2 high. q7 = 2. unused output pairs should be terminated with 100 ? across the differential pair. 32 /mr single - ended input: this ttl/cmos - compatible master reset function asyn chronously sets q0 ? q7 outputs low, /q0 ? /q7 outputs high, and holds them in that state as long as /mr remains low. this input is internally connected to a 25k ? pull - up resistor and will default to a logic high state if left open. the input - switching thr eshold is v cc /2. 10, 19, 22, 31 vcc positive power supply. bypass with 0.1f||0.01f low esr capacitors. 1, 20, 21 gnd exposed ground and exposed pad must be connected to the same gnd plane on the board. truth table /mr (1) en (2,3) divsel1 divsel2 div sel3 q0 ? q3 q4 ? q6 q7 0 x x x x 0 0 0 1 0 x x x 0 0 0 1 1 0 0 0 1 2 2 1 1 1 1 1 2 4 4 notes: 1. /mr asynchronously forces q0 ? q7 low (/q0 ? /q7 high). 2. en forces q0 ? q7 low between 2 and 6 input clock cycles after the falling edge of en. refer to ?timing diagram? section. 3. en synchronously enables the outputs between two and six input clock cycles after the rising edge of en. refer to ?timing dia gram? section. micrel, inc. sy89200u august 2007 4 m9999 - 082407-e hbwhelp@micrel.com or (408) 955 - 1690 absolute maximum ratings (1) supply voltage (v cc ) .................................... ? 0.5v to +4.0v input voltage (v in ) ............................................ ? 0.5v to v cc termination current (3) source or sink current on v t ............................. 100ma output current (3) source or sink current on in, /in ........................ 50ma v ref-ac current (3) source or sink current on v ref-ac ......................... 2ma lead temperature (soldering, 20 sec.) .................... +260c storage temperature ( t s ) ......................... ? 65c to +150c operating ratings (2) supply voltage (v cc ) ............................ +2.375v to +2.625v ambient temperature (t a ) .......................... ? 40c to +85c package thermal resistance (4) qfn ( ja ) still - air ......................................................... 35c/w qfn ( jb ) junction ? to - board ...................................... 20c/w dc electrical characteristics t a = ? 40c to +85c, unless otherwise stated. symbol parameter condition min typ max units v cc power supply 2.375 2.5 2.625 v i cc power supply current no load, max. v cc , note 6 350 ma r diff_in differential input resistance (in -to - /in) 80 100 120 ? r in input resistance (in -to -v t , /in -to -v t ) 40 50 60 ? v ih input high voltage; (in, /in) 1.2 v cc v v il input low voltage; (in, /in) 0 v ih - 0.1 v v in input voltage swing; (in, /in) see figure 1a. 0.1 v cc v v diff_in differential input voltage swing |in - /in| see figure 1b. 0.2 v v ref - ac reference voltage v cc ? 1.3 v cc ? 1.2 v cc ? 1.1 v in -to -v t voltage from input to v t 1.8 v lvttl/cmos dc electrical characteristics (5) v cc = 2.5v 5%; t a = ? 40c to +85c, unless otherwise stated. symbol parameter condition min typ max units v ih input high voltage 2.0 v v il input low voltage 0.8 v i ih input high current ? 125 30 a i il input low current ? 300 a notes: 1. permanent device damage may occur if ratings in the ?absolute maximum ratings? s ection are exceeded. this is a stress rating only and functional operation is not implied for conditions other than those detailed in the operational sections of this datasheet. exposure to absolute maximum ratings conditions for extended periods may affec t device reliability. 2. the datasheet limits are not guaranteed if the device is operated beyond the operating ratings. 3. due to the limited drive capability use for input of the same package only. 4. package thermal resistance assumes exposed pad is solder ed (or equivalent) to the device?s most negative potential on the pcb. jb uses 4 - layer ja in still - air, unless otherwise stated. 5. the circuit is designed to meet the dc specifications shown in the above table after thermal equilibrium has been established . 6. includes current through internal 50 ? s x o o - up. micrel, inc. sy89200u august 2007 5 m9999 - 082407-e hbwhelp@micrel.com or (408) 955 - 1690 lvds output dc electrical characteristics (7) v cc = 2.5v 5%; t a = ? 40c to +85c; r l = 100 ? across q and /q, unless otherwise stated. symbol parameter condition min typ max units v oh output high voltage; (q , /q) 1.475 v v ol output low voltage; (q, /q) 0.925 v v out output voltage swing; (q, /q) 250 350 mv v diff_out differential output voltage swing |q ? /q| 500 700 mv v ocm output common mode voltage (q, /q) 1.125 1.275 v ' v ocm change in commo n mode voltage (q, /q) ? 50 +50 mv ac electrical characteristics (8) v cc = 2.5v 5%; t a = ? 40c to +85c; r l = 100 ? across all outputs (q and /q), unless otherwise stated. symbol parameter condition min typ max units f max maximum operating frequency v o ut >200mv clock 1.5 ghz t pd differential propagation delay in -to -q 500 700 900 ps /mr -to -q 900 ps t rr reset recovery time /mr(l -h) -to -(l -h) 900 ps t pd tempco differential propagation delay temperature coefficient 115 fs/c t skew within - bank skew within same fanout bank, note 9 10 25 ps bank -to - bank skew same divide setting, note 10 15 35 ps bank -to - bank skew differential divide setting, note 10 25 50 ps part -to - park skew note 11 200 ps t jitter random jitter (rj) note 12 1 ps rms total jitter (tj) note 13 10 ps pp cycle -to - cycle jitter note 14 1 ps rms t f , t f rise/fall time 20% to 80% at full output swing 40 80 150 ps notes: 7. the circuit is designed to meet the dc specifications shown in the abo ve table after thermal equilibrium has been established. 8. measured with 100mv input swing. see ?timing diagram? section for definition of parameters. high - frequency ac - parameters are guaranteed by design and characterization. 9. within - bank is the differenc e in propagation delays among the outputs within the same bank. 10. bank - to - bank skew is the difference in propagation delays between outputs from difference banks. bank - to - bank skew is also the phase offset between each bank after mr is applied. 11. part - to - part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at t he respective inputs. 12. rj is measured with a k28.7 comma detect character pattern. 13. total jitter definition: with an ideal clock inp ut of frequency f max , no more than one output edge in 10 12 output edges will deviate by more than the specified peak - to - peak jitter value. 14. cycle - to - cycle jitter definition: the variation of periods between adjacent cycles, t n ? t n -1 where t is the time b etween rising edges of the output signal. micrel, inc. sy89200u august 2007 6 m9999 - 082407-e hbwhelp@micrel.com or (408) 955 - 1690 single- ended differential swings figure 1a. single - ended voltage swing figure 1b. differential voltage swing timing diagram figure 2a. reset with output enabled micrel, inc. sy89200u august 2007 7 m9999 - 082407-e hbwhelp@micrel.com or (408) 955 - 1690 figure 2b. enable timing figur e 2c. disable timing micrel, inc. sy89200u august 2007 8 m9999 - 082407-e hbwhelp@micrel.com or (408) 955 - 1690 typical operating characteristics micrel, inc. sy89200u august 2007 9 m9999 - 082407-e hbwhelp@micrel.com or (408) 955 - 1690 input stage internal termination figure 3. simplified differential input stage input interface applications figure 4a. cml interface (dc - coupled) figure 4b. cml interf ace (ac - coupled) figure 4c. lvpecl interface (dc - coupled) figure 4d. lvpecl interface (ac - coupled) figure 4e. lvds interface micrel, inc. sy89200u august 2007 10 m9999 - 082407-e hbwhelp@micrel.com or (408) 955 - 1690 output interface applications lvds specifies a small swing of 350mv typical, on a nominal 1.25v common mode above gr ound. the common mode voltage has tight limits to permit large variations in ground between an lvds driver and receiver. also, change in common mode voltage, as a function of data input, is kept to a minimum to keep emi low. figure 5a. lvds differential measurement figure 5b. lvds common mode measurement related product and support documentation part number function datasheet link hbw solutions new products and applications www.micrel.com/product - info/products/solutions.shtml micrel, inc. sy89200u august 2007 11 m9999 - 082407-e hbwhelp@micrel.com or (408) 955 - 1690 package information 32- pin qfn micrel, inc. 2180 fortune drive san jose, ca 95131 usa tel +1 (408) 944 - 0800 fax +1 (408) 474 - 1000 web htt p://www.micrel.com the information furnished by micrel in this data sheet is believed to be accurate and reliable. however, no responsibility is assumed by micrel for its use. micrel reserves the right to change circuitry and specifications at any time wi thout notification to the customer. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where mal function of a product can reasonably be expected to result in personal injury. life support de vices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a signific ant injury to the user. a purchaser?s use or sal e of micrel products for use in life support appliances, devices or systems is a purchaser?s own risk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. ? 2006 micrel, incorporated. |
Price & Availability of SY89200U10 |